+1.201.784.1000 www.globtek.com 86 gt-100 series-100w 100 watts, switchmode power supply, single output, enclosed, universal input iso 9001:2000 registered specifications may change without prior notice. consult globtek customer service for latest specifications. electrical specifications: input voltage: 85 vac to 264 vac selected by switch input current: < 1.6 a rms at 90 vac input input frequency: 47 hz - 63 hz output current: no load to full load, no minimum load required output power (rated): 100 watts max output ripple (peak to peak): 100 mv (p-p) model dependent output regulation (line/load): 0.2% - 0.5% model + output dependent line regulation: turn on/ turn off overshoot: 4% max 500us max recovery time for 25% step load turn-on delay: 1 sec max hold-up time: 10 msec min at nominal input 115 vac and full load inrush current: 30 a max at cold start for n.a. (60a for euro), model dependent efficiency: 70% - 84 % typical, model + output dependent switching frequency: 100 khz typical over-voltage protection: voltage limited less 130% of nominal voltage for main output over-current / short circuit: hiccup with auto recovery to 1.1 - 1.3 io other protection: input fusing safety approvals: ul 1012, ul 60950 / 1950, cul to 22.2 # 234, 950, tuv to en 60950, ce class i dielectric withstand voltage: 1500vac primary-secondary; 1500 vac primary- ground 500 vac secondary - ground leakage current: < 1 ma/240vac line surge: en 61000-4-5 level 4 emi: complies with en55022, 1 class b and fcc part 15 class b when tested with a resistive load, both conducted and radiated ce mark: tested to comply with en61000-3-2, en61000-3-3 and en50082-1 including en61000-4-2, en61000-4-3, en61000- 4-4, en61000-4-5, en61000-4-6, en61000-4-11 level 4, unit is eligible for ce mark. mtbf: greater than 50,000 hours at 25c ambient temperature operating temperature: 0c to 45 c, derate lineary to 60% output power at 60c storage temperature: -40c to 80 c humidity: 0% to 90% relative humidity output voltage / current: model number output voltage (vdc) output current (ma) rated output power (w) gt-100-3 + 3 +/-2% 20 0 - 100 w gt-100-5 + 5 +/-2% 20 0 - 100 w gt-100-7.5 + 7.5 +/-1% 13.6 0 - 100 w gt-100-10 + 10 +/-1% 10 0 - 100 w gt-100-12 + 12 +/-1% 8.5 0 - 100 w gt-100-15 + 15 +/-1% 6.7 0 - 100 w gt-100-18 + 18 +/-1% 5.6 0 - 100 w gt-100-24 + 24 +/-1% 4.5 0 - 100 w gt-100-27 + 27 +/-1% 3.7 0 - 100 w GT-100-48 + 48 +/-1% 2 0 - 100 w combo insides.qxd 11/5/2004 14:33 page 86
www.globtek.com +1.201.784.1000 87 gt-100 series-100w 100 watts, switchmode power supply, single output, enclosed, universal input iso 9001:2000 registered enclosures size: 199 x 98 x 38 + 1 mm configuration: enclosed switching power supply, al. alloy 3003 or equivalent, gold irridite, chem. treated finish,, chassis: ?u? channel, with (7) mounting metric insert m3, as shown below: (4) bottom; (3) right side. cover: ?l? shape with holes screened pattern for natural convection cooling thermal transfer. charts specifications may change without prior notice. consult globtek customer service for latest specifications. 5v 6.5v / 7.5v output derating static characteristics combo insides.qxd 11/5/2004 14:35 page 87
|